PART |
Description |
Maker |
DRM001 |
Passive Infrared (PIR) Intruder Detection Using the MC68HC908JK1/3. Incorporating Remote Control Adjustment Using the MC68HC908GP32 被动式红外(PIR)报告的入侵检测使用MC68HC908JK1 / 3。结合远程控制调整使用海底热
|
Sony, Corp.
|
ZXMD63C02XTC ZXMD63C02X ZXMD63C02XTA |
TWEEZER CURVED PRECISION TIP 2400 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA 20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET 2400 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA MO-187, MSOP-8
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes, Inc.
|
AD13465/PCB AD13465AF 5962-0150601HXA AD13465BZ |
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning 双通道4位,65 MSPS的A / D转换的模拟输入信号调 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Dual Channel/ 14-Bit/ 65 MSPS A/D Converter with Analog Input Signal Conditioning
|
Analog Devices, Inc.
|
BSS84DW2 BSS84DW-7-F |
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 130 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
NTZD5110N NTZD5110NT1 NTZD5110NT1G NTZD5110NT5G |
Small Signal MOSFET 60 V, 310 mA, Dual N-Channel with ESD Protection 294 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 60 V, 310 mA, Dual N−Channel with ESD Protection, SOT−563
|
ON Semiconductor
|
PMGD290XN PMGD290XN115 GD290XN115 |
Dual N-channel mTrenchMOS extremely low level FET From old datasheet system Dual N-channel uTrenchmos (tm) extremely low level FET 860 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
IRFG110 2N7334 2N7334-QR-EB |
1000 mA, 100 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 14 LEAD DUAL IN LINE QUAD
|
SEMELAB LTD Seme LAB
|
CMLDM7002A |
SURFACE MOUNT PICOmini DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 280 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
CMLDM8002A CMLDM8002AJ |
SURFACE MOUNT PICOmini DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 0.28 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
|